PART |
Description |
Maker |
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
KRC886T KRC881T KRC882T KRC883T KRC884T KRC885T KR |
Built in Bias Resistor EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING) (KRC881T - KRC886T) EPITAXIAL PLANAR NPN TRANSISTOR 300 mA, 20 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
CE1A3Q CE1A3Q-T CE1A3Q-T-A |
2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR COMPOUND TRANSISTOR Hybrid transistor TRANS DIGITAL BJT NPN 70V 2000MA 3SP-8 T/R
|
NEC Corp. NEC[NEC] NEC Electronics
|
BFP650 |
Digital Transistors - NPN SiGe RF Transistor, high power amplifiers, low noise RF transistor in SOT343 Package, 4V, 150mA NPN Silicon Germanium RF Transistor
|
Infineon Technologies AG
|
BCX29 BF299 BF298 BFR58 BC312 MH7301 BF294 BC533 |
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 100MA I(C) | TO-39 MAX 3000A CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 160V五(巴西)总裁| 100mA的一c)| TO - 220AB现有 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 100MA I(C) | TO-39 晶体管|晶体管|叩| 160V五(巴西)总裁| 100mA的一(c)| TO - 39封装 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | TO-92
|
TE Connectivity, Ltd.
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
61084-300 61084 61084-001 61084-002 61084-101 6108 |
TV 29C 29#20 PIN PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 42C 36#22D 6#8(TWINAX) SKT 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
BC548ABC BC547ABC ON0152 BC546 BC548C BC548 BC546B |
Amplifier Transistor NPN From old datasheet system CASE 29-04, STYLE 17 TO-2 (TO-226AA) Amplifier Transistors(NPN Silicon) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|